| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2456 bảng dữ liệu(PDF) 321 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2456 bảng dữ liệu(HTML) 321 Page - Renesas Technology Corp |
|
321 / 1376 page ![]() Section 6 Bus Controller (BSC) Rev. 1.00 Sep. 19, 2008 Page 291 of 1342 REJ09B0467-0100 (b) Normal space access after DRAM space write access While the ICIS2 bit is set to 1 in BCR and a normal space read access occurs after DRAM space write access, idle cycle is inserted in the first read cycle. The number of states of the idle cycle to be inserted is in accordance with the setting of the IDLC bit. It does not depend on the DRMI bit in DRACCR. Figure 6.90 shows an example of idle cycle operation when the ICIS2 bit is set to 1. Tp Address bus φ RD RAS HWR, LWR UCAS, LCAS External space read Idle cycle Data bus Tr Tc1 Tc2 T1 DRAM space read DRAM space read T2 Tc2 T3 Ti Tc1 Figure 6.90 Example of Idle Cycle Operation after DRAM Write Access (IDLC = 0, ICIS1 = 0, RAST = 0, CAST = 0) (8) Idle Cycle in Case of Normal Space Access after Continuous Synchronous DRAM Space Access: Note: The synchronous DRAM interface is not supported by the H8S/2456 Group and H8S/2454 Group. |