| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2456 bảng dữ liệu(PDF) 322 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2456 bảng dữ liệu(HTML) 322 Page - Renesas Technology Corp |
|
322 / 1376 page ![]() Section 6 Bus Controller (BSC) Rev. 1.00 Sep. 19, 2008 Page 292 of 1342 REJ09B0467-0100 (a) Normal space access after a continuous synchronous DRAM space read access While the DRMI bit is cleared to 0 in DRACCR, idle cycle insertion after continuous synchronous DRAM space read access is disabled. Idle cycle insertion after continuous synchronous DRAM space read access can be enabled by setting the DRMI bit to 1. The conditions and number of states of the idle cycle to be inserted are in accordance with the settings of bits ICIS1, ICIS0, and IDLC in RCR. Figure 6.91 shows an example of idle cycle operation when the DRMI bit is set to 1. When the DRMI bit is cleared to 0, an idle cycle is not inserted after continuous synchronous DRAM space read access even if bits ICIS1 and ICIS0 are set to 1. Tp Address bus Idle cycle Data bus Tr Tc1 Tcl Tc2 T3 Ti Tc1 Continuous synchronous DRAM space read External space read Continuous synchronous DRAM space read T2 Ti T1 RAS CAS WE RD CKE High PALL ACTV READ NOP NOP READ DQMU, DQML TCl Tc2 Precharge-sel φ External address External address Column address 1 Column address 2 Row address Row address Column address Figure 6.91 Example of Idle Cycle Operation after Continuous Synchronous DRAM Space Read Access (Read between Different Area) (IDLC = 0, CAS Latency 2) |