| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2456 bảng dữ liệu(PDF) 278 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2456 bảng dữ liệu(HTML) 278 Page - Renesas Technology Corp |
|
278 / 1376 page ![]() Section 6 Bus Controller (BSC) Rev. 1.00 Sep. 19, 2008 Page 248 of 1342 REJ09B0467-0100 Table 6.10 Synchronous DRAM Interface Pins Pin With Synchronous DRAM Setting Name I/O Function CS2 RAS Row address strobe Output Row address strobe when areas 2 to 5 are designated as continuous synchronous DRAM space CS3 CAS Column address strobe Output Column address strobe when areas 2 to 5 are designated as continuous synchronous DRAM space CS4 WE Write enable Output Write enable strobe when areas 2 to 5 are designated as continuous synchronous DRAM space CS5 SDRAM φ Clock Output Clock only for synchronous DRAM ( OE) (CKE) Clock enable Output Clock enable signal when areas 2 to 5 are designated as continuous synchronous DRAM space UCAS DQMU Upper data mask enable Output Upper data mask enable for 16-bit continuous synchronous DRAM space access/data mask enable for 8-bit continuous synchronous DRAM space access LCAS DQML Lower data mask enable Output Lower data mask enable signal for 16-bit continuous synchronous DRAM space access A15 to A0 A15 to A0 Address pins Output Row address/column address multiplexed output pins D15 to D0 D15 to D0 Data pins I/O Data input/output pins |