| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2456 bảng dữ liệu(PDF) 275 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2456 bảng dữ liệu(HTML) 275 Page - Renesas Technology Corp |
|
275 / 1376 page ![]() Section 6 Bus Controller (BSC) Rev. 1.00 Sep. 19, 2008 Page 245 of 1342 REJ09B0467-0100 6.8 Synchronous DRAM Interface In the H8S/2456R Group, external address space areas 2 to 5 can be designated as continuous synchronous DRAM space, and synchronous DRAM interfacing performed. The synchronous DRAM interface allows synchronous DRAM to be directly connected to this LSI. A synchronous DRAM space of up to 8 Mbytes can be set by means of bits RMTS2 to RMTS0 in DRAMCR. Synchronous DRAM of CAS latency 1 to 4 can be connected. Note: The synchronous DRAM interface is not supported by the H8S/2456 Group and H8S/2454 Group. 6.8.1 Setting Continuous Synchronous DRAM Space Areas 2 to 5 are designated as continuous synchronous DRAM space by setting bits RMTS2 to RMTS0 in DRAMCR. The relation between the settings of bits RMTS2 to RMTS0 and synchronous DRAM space is shown in table 6.8. Possible synchronous DRAM interface settings are and continuous area (areas 2 to 5). Table 6.8 Relation between Settings of Bits RMTS2 to RMTS0 and Synchronous DRAM Space RMTS2 RMTS1 RMTS0 Area 5 Area 4 Area 3 Area 2 0 1 Normal space Normal space Normal space DRAM space 0 Normal space Normal space DRAM space DRAM space 0 1 1 DRAM space DRAM space DRAM space DRAM space 0 Continuous synchronous DRAM space 0 1 Mode settings of synchronous DRAM 0 Reserved (setting prohibited) 1 1 1 Continuous DRAM space With continuous synchronous DRAM space, CS2, CS3, CS4 pins are used as RAS, CAS, WE signal. The ( OE) pin of the synchronous DRAM is used as the CKE signal, and the CS5 pin is used as synchronous DRAM clock (SDRAM φ). The bus specifications for continuous synchronous DRAM space conform to the settings for area 2. The pin wait and program wait for the continuous synchronous DRAM are invalid. Commands for the synchronous DRAM can be specified by combining RAS, CAS, WE, and address-precharge-setting command (Precharge-sel) output on the upper column addresses. |