công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2456 bảng dữ liệu(PDF) 281 Page - Renesas Technology Corp

tên linh kiện H8S/2456
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2456 bảng dữ liệu(HTML) 281 Page - Renesas Technology Corp

Back Button H8S/2456 Datasheet HTML 277Page - Renesas Technology Corp H8S/2456 Datasheet HTML 278Page - Renesas Technology Corp H8S/2456 Datasheet HTML 279Page - Renesas Technology Corp H8S/2456 Datasheet HTML 280Page - Renesas Technology Corp H8S/2456 Datasheet HTML 281Page - Renesas Technology Corp H8S/2456 Datasheet HTML 282Page - Renesas Technology Corp H8S/2456 Datasheet HTML 283Page - Renesas Technology Corp H8S/2456 Datasheet HTML 284Page - Renesas Technology Corp H8S/2456 Datasheet HTML 285Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 1376 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 251 of 1342
REJ09B0467-0100
6.8.7
CAS Latency Control
CAS latency is controlled by settings of the W22 to W20 bits of WTCRB. Set the CAS latency
count, as shown in table 6.11, by the setting of synchronous DRAM. Depending on the setting, the
CAS latency control cycle (T
c1) is inserted. WTCRB can be set regardless of the setting of the
AST2 bit of ASTCR. Figure 6.57 shows the CAS latency control timing when synchronous
DRAM of CAS latency 3 is connected.
The initial value of W22 to W20 is H'7. Set the register according to the CAS latency of
synchronous DRAM to be connected.
Table 6.11
Setting CAS Latency
W22
W21
W20
Description
CAS Latency Control
Cycle Inserted
0
0
0
Connect synchronous DRAM of CAS
latency 1
0 state
1
Connect synchronous DRAM of CAS
latency 2
1 state
1
0
Connect synchronous DRAM of CAS
latency 3
2 states
1
Connect synchronous DRAM of CAS
latency 4
3 states
1
0
0
Reserved (must not be used)
1
Reserved (must not be used)
1
0
Reserved (must not be used)
1
Reserved (must not be used)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More