| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2456 bảng dữ liệu(PDF) 221 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2456 bảng dữ liệu(HTML) 221 Page - Renesas Technology Corp |
|
221 / 1376 page ![]() Section 6 Bus Controller (BSC) Rev. 1.00 Sep. 19, 2008 Page 191 of 1342 REJ09B0467-0100 In byte access, whether the upper or lower data bus is used is determined by whether the address is even or odd. The upper data bus is used for an even address, and the lower data bus for an odd address. D15 D8 D7 D0 Upper data bus Lower data bus Byte size Word size 1st bus cycle 2nd bus cycle Longword size • Even address Byte size • Odd address Figure 6.9 Access Sizes and Data Alignment Control (16-Bit Access Space) 6.5.2 Valid Strobes Table 6.3 shows the data buses used and valid strobes for the access spaces. In a read, the RD signal is valid for both the upper and the lower half of the data bus. In a write, the HWR signal is valid for the upper half of the data bus, and the LWR signal for the lower half. Table 6.3 Data Buses Used and Valid Strobes Area Access Size Read/ Write Address Valid Strobe Upper Data Bus (D15 to D8) Lower Data Bus (D7 to D0) Byte Read RD Valid Invalid 8-bit access space Write HWR Hi-Z Byte Read Even RD Valid Invalid 16-bit access space Odd Invalid Valid Write Even HWR Valid Hi-Z Odd LWR Hi-Z Valid Word Read RD Valid Valid Write HWR, LWR Valid Valid Note: Hi-Z: High-impedance state Invalid: Input state; input value is ignored. |