| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2456 bảng dữ liệu(PDF) 218 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2456 bảng dữ liệu(HTML) 218 Page - Renesas Technology Corp |
|
218 / 1376 page ![]() Section 6 Bus Controller (BSC) Rev. 1.00 Sep. 19, 2008 Page 188 of 1342 REJ09B0467-0100 (3) Areas 2 to 5 In externally expanded mode, areas 2 to 5 are all external address space. When area 2 to 5 external space is accessed, signals CS2 to CS5 can be output. The basic bus interface, DRAM interface, or synchronous DRAM interface can be selected for the memory interface of areas 2 to 5. With the DRAM interface, signals CS2 and CS5 are used as RAS signals. If areas 2 to 5 are designated as continuous DRAM space, large-capacity (e.g. 64-Mbit) DRAM can be connected. In this case, the CS2 signal is used as the RAS signal for the continuous DRAM space. If areas 2 to 5 are designated as continuous synchronous DRAM space, large-capacity (e.g. 64- Mbit) synchronous DRAM can be connected. In this case, the CS2, CS3, CS4, and CS5 pins are used as the RAS, CAS, WE, and CLK signals for the continuous synchronous DRAM space. The OE pin is used as the CKE signal. (4) Area 6 In externally expanded mode, all of area 6 is external space. When area 6 external space is accessed, the CS6 signal can be output. Either the basic bus interface or address/data multiplexed I/O interface can be used for the memory interface of area 6. (5) Area 7 Area 7 includes the on-chip RAM and internal/O registers. In externally expanded mode, the space excluding the on-chip RAM and internal I/O registers is external address space. The on-chip RAM is enabled when the RAME bit is set to 1 in the system control register (SYSCR); when the RAME bit is cleared to 0, the on-chip RAM is disabled and the corresponding addresses are in external address space. When area 7 external address space is accessed, the CS7 signal can be output. Either the basic bus interface or address/data multiplexed I/O interface can be used for the memory interface of area 7. |