| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2456 bảng dữ liệu(PDF) 220 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2456 bảng dữ liệu(HTML) 220 Page - Renesas Technology Corp |
|
220 / 1376 page ![]() Section 6 Bus Controller (BSC) Rev. 1.00 Sep. 19, 2008 Page 190 of 1342 REJ09B0467-0100 6.5 Basic Bus Interface The basic bus interface enables direct connection of ROM, SRAM, and so on. 6.5.1 Data Size and Data Alignment Data sizes for the CPU and other internal bus masters are byte, word, and longword. The bus controller has a data alignment function, and when accessing external address space, controls whether the upper data bus (D15 to D8) or lower data bus (D7 to D0) is used according to the bus specifications for the area being accessed (8-bit access space or 16-bit access space) and the data size. (1) 8-Bit Access Space Figure 6.8 illustrates data alignment control for the 8-bit access space. With the 8-bit access space, the upper data bus (D15 to D8) is always used for accesses. The amount of data that can be accessed at one time is one byte: a word access is performed as two byte accesses, and a longword access, as four byte accesses. D15 D8 D7 D0 Upper data bus Lower data bus Byte size Word size 1st bus cycle 2nd bus cycle Longword size 1st bus cycle 2nd bus cycle 3rd bus cycle 4th bus cycle Figure 6.8 Access Sizes and Data Alignment Control (8-Bit Access Space) (2) 16-Bit Access Space Figure 6.9 illustrates data alignment control for the 16-bit access space. With the 16-bit access space, the upper data bus (D15 to D8) and lower data bus (D7 to D0) are used for accesses. The amount of data that can be accessed at one time is one byte or one word, and a longword access is executed as two word accesses. |