| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2456 bảng dữ liệu(PDF) 1300 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2456 bảng dữ liệu(HTML) 1300 Page - Renesas Technology Corp |
|
1300 / 1376 page ![]() Section 27 Electrical Characteristics Rev. 1.00 Sep. 19, 2008 Page 1270 of 1342 REJ09B0467-0100 Item Symbol Min. Max. Unit Test Conditions t OED1 15 ns OE delay time 1* t OED1B 19 ns t OED2 15 ns OE delay time 2* t OED2B 19 ns Figures 27.8 to 27.23, Figures 27.34 and 27.35 Precharge time 1 t PCH1 1.0 × t cyc −20 ns Precharge time 2 t PCH2 1.5 × t cyc −20 ns Self-refresh precharge time 1 t RPS1 2.5 × t cyc −20 ns Self-refresh precharge time 2 t RPS2 3.0 × t cyc −20 ns Figures 27.22 and 27.23 WAIT setup time t WTS 25 ns WAIT hold time t WTH 1 ns Figures 27.10, 27.16, and 27.35 BREQ setup time t BREQS 30 ns Figure 27.24 BACK delay time t BACD 15 ns Bus floating time t BZD 40 ns BREQO delay time t BRQOD 25 ns Figure 27.25 Note: * t OED1 and tOED2.correspond to OE-A, and tOED1B and tOED2B.correspond to OE-B. (4) DMAC Timing Table 27.23 DMAC Timing Conditions: V CC = 3.0 V to 3.6 V, AVCC = 3.0 V to 3.6 V, Vref = 3.0 V to AVCC, VSS = AVSS = 0 V, φ = 8 MHz to 33 MHz, T a = −20°C to +75°C (regular specifications), T a = −40°C to +85°C (wide-range specifications) Item Symbol Min. Max. Unit Test Conditions DREQ setup time t DRQS 25 ns Figure 27.32 DREQ hold time t DRQH 10 TEND delay time t TED 18 Figure 27.31 DACK delay time 1 t DACD1 18 Figures 27.29 and 27.30 DACK delay time 2 t DACD2 18 |