công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2456 bảng dữ liệu(PDF) 1303 Page - Renesas Technology Corp

tên linh kiện H8S/2456
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2456 bảng dữ liệu(HTML) 1303 Page - Renesas Technology Corp

Back Button H8S/2456 Datasheet HTML 1299Page - Renesas Technology Corp H8S/2456 Datasheet HTML 1300Page - Renesas Technology Corp H8S/2456 Datasheet HTML 1301Page - Renesas Technology Corp H8S/2456 Datasheet HTML 1302Page - Renesas Technology Corp H8S/2456 Datasheet HTML 1303Page - Renesas Technology Corp H8S/2456 Datasheet HTML 1304Page - Renesas Technology Corp H8S/2456 Datasheet HTML 1305Page - Renesas Technology Corp H8S/2456 Datasheet HTML 1306Page - Renesas Technology Corp H8S/2456 Datasheet HTML 1307Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1303 / 1376 page
background image
Section 27 Electrical Characteristics
Rev. 1.00 Sep. 19, 2008 Page 1273 of 1342
REJ09B0467-0100
Item
Symbol Min.
Max.
Unit
Test Conditions
Master
2.5
SSU
*
SCS hold time
Slave
t
LAG
2.5
t
cyc
Figures 27.51 to
27.54
Master
40
Data output delay
time
Slave
t
OD
40
Ns
Master
0
Data output hold
time
Slave
t
OH
0
Ns
Master
2.5
Continuous
transmit delay time
Slave
t
TD
2.5
t
cyc
Slave access time
t
SA
1
t
cyc
Slave out release time
t
REL
1
t
cyc
Figures 27.53
and 27.54
Note
* SSU: Synchronous serial communication unit
27.2.4
A/D Conversion Characteristics
Table 27.25 A/D Conversion Characteristics
Conditions: V
CC = 3.0 V to 3.6 V, AVCC = 3.0 V to 3.6 V, Vref = 3.0 V to AVCC, VSS = AVSS =
0 V,
φ = 8 MHz to 33 MHz, T
a = −20°C to +75°C (regular specifications),
T
a = −40°C to +85°C (wide-range specifications)
Item
Min.
Typ.
Max.
Unit
Resolution
10
10
10
Bit
Conversion time
4.0
*
µs
Analog input capacitance
15
pF
Permissible signal source impedance
5
k
Ω
Nonlinearity error
±5.5
LSB
Offset error
±5.5
LSB
Full-scale error
±5.5
LSB
Quantization error
±0.5
LSB
Absolute accuracy
±6.0
LSB
Note:
* For 40 states at ADCLK = 10 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More