công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2456 bảng dữ liệu(PDF) 1296 Page - Renesas Technology Corp

tên linh kiện H8S/2456
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2456 bảng dữ liệu(HTML) 1296 Page - Renesas Technology Corp

Back Button H8S/2456 Datasheet HTML 1292Page - Renesas Technology Corp H8S/2456 Datasheet HTML 1293Page - Renesas Technology Corp H8S/2456 Datasheet HTML 1294Page - Renesas Technology Corp H8S/2456 Datasheet HTML 1295Page - Renesas Technology Corp H8S/2456 Datasheet HTML 1296Page - Renesas Technology Corp H8S/2456 Datasheet HTML 1297Page - Renesas Technology Corp H8S/2456 Datasheet HTML 1298Page - Renesas Technology Corp H8S/2456 Datasheet HTML 1299Page - Renesas Technology Corp H8S/2456 Datasheet HTML 1300Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1296 / 1376 page
background image
Section 27 Electrical Characteristics
Rev. 1.00 Sep. 19, 2008 Page 1266 of 1342
REJ09B0467-0100
LSI output pin
CRH
RL
3V
C=50pF: Ports A to G
C=30pF: Ports 1 to 3, P50 to P53, and Port8
RL=2.4k
Ω
RH=12k
Ω
I/O timing test level1.5V: (Vcc=3.0 to 3.6V)
Figure 27.2 Output Load Circuit
(2) Control Signal Timing
Table 27.21 Control Signal Timing
Conditions: V
CC = 3.0 V to 3.6 V, AVCC = 3.0 V to 3.6 V, Vref = 3.0 V to AVCC, VSS = AVSS =
0 V,
φ = 8 MHz to 33 MHz, T
a = −20°C to +75°C (regular specifications),
T
a = −40°C to +85°C (wide-range specifications)
Item
Symbol
Min.
Max.
Unit
Test Conditions
RES setup time
t
RESS
200
ns
Figure 27.6
RES pulse width
t
RESW
2
ms
NMI setup time
t
NMIS
150
ns
Figure 27.7
NMI hold time
t
NMIH
10
NMI pulse width (in recovery from
software standby mode)
t
NMIW
200
IRQ setup time
t
IRQS
150
ns
IRQ hold time
t
IRQH
10
IRQ pulse width (in recovery from
software standby mode)
t
IRQW
200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More