công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2456 bảng dữ liệu(PDF) 692 Page - Renesas Technology Corp

tên linh kiện H8S/2456
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2456 bảng dữ liệu(HTML) 692 Page - Renesas Technology Corp

Back Button H8S/2456 Datasheet HTML 688Page - Renesas Technology Corp H8S/2456 Datasheet HTML 689Page - Renesas Technology Corp H8S/2456 Datasheet HTML 690Page - Renesas Technology Corp H8S/2456 Datasheet HTML 691Page - Renesas Technology Corp H8S/2456 Datasheet HTML 692Page - Renesas Technology Corp H8S/2456 Datasheet HTML 693Page - Renesas Technology Corp H8S/2456 Datasheet HTML 694Page - Renesas Technology Corp H8S/2456 Datasheet HTML 695Page - Renesas Technology Corp H8S/2456 Datasheet HTML 696Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 692 / 1376 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 662 of 1342
REJ09B0467-0100
10.18.6
Port Function Control Register 5 (PFCR5)
PFCR5 switches the functions of the SSU input/output pins.
Bit
Bit Name
Initial Value
R/W
Description
7
6
SSO0S1
SSO0S0
0
0
R/W
R/W
SSO0 Pin Select
Selects the SSO0 input/output pin.
00: P14/SSO0-A is selected
01: PA7/SSO0-B is selected
10: PF3/SSO0-C is selected
11: Setting prohibited
5
4
SSI0S1
SSI0S0
0
0
R/W
R/W
SSI0 Pin Select
Selects the SSI0 input/output pin.
00: P15/SSI0-A is selected
01: PA6/SSI0-B is selected
10: PF2/SSI0-C is selected
11: Setting prohibited
3
2
SSCK0S1
SSCK0S0
0
0
R/W
R/W
SSCK0 Pin Select
Selects the SSCK0 input/output pin.
00: P16/SSCK0-A is selected
01: PA5/SSCK0-B is selected
10: PF1/SSCK0-C is selected
11: Setting prohibited
1
0
SCS0S1
SCS0S0
0
0
R/W
R/W
SCS0 Pin Select
Selects the
SCS0 input/output pin.
00: P17/
SCS0-A is selected
01: PA4/
SCS0-B is selected
10: PF0/
SCS0-C is selected
11: Setting prohibited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More