| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2456 bảng dữ liệu(PDF) 688 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2456 bảng dữ liệu(HTML) 688 Page - Renesas Technology Corp |
|
688 / 1376 page ![]() Section 10 I/O Ports Rev. 1.00 Sep. 19, 2008 Page 658 of 1342 REJ09B0467-0100 Bit Bit Name Initial Value R/W Description 0 0 Reserved This bit is always read as 0. Only the initial value should be written to this bit. Notes: 1. Not supported in the H8S/2454 Group. 2. PH3 becomes PF0 in the H8S/2454 Group. 10.18.4 Port Function Control Register 3 (PFCR3) PFCR3 enables or disables DMAC activation interrupts from the USB, and switches the functions of the PPG output pin, TPU input/output pin, and TMR input/output pin. Bit Bit Name Initial Value R/W Description 7 1 Reserved This bit is always read as 1. Only the initial value should be written to this bit. 6 PPGS 0 R/W PPG Pin Select Selects the output pins of PO5 to PO0. 0: P25/PO5-A and P20/PO0-A are selected. 1: P85/PO5-B, P52/PO4-B, P83/PO3-B, P51/PO2- B, P81/PO1-B, and P50/PO0-B are selected. 5 TPUS 0 R/W TPU Pin Select Selects the output pins of TIOCA3, TIOCB3, TIOCC3, TIOCD3, TIOCA4, and TIOCB4. 0: P25/TIOCB4-A and P20/TIOCA3-A are selected. 1: P85/TIOCB4-B, P52/TIOCA4-B, P83/TIOCD3-B, P51/TIOCC3-B, P81/TIOCB3-B, and P50/TIOCA3-B are selected. |