công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2456 bảng dữ liệu(PDF) 690 Page - Renesas Technology Corp

tên linh kiện H8S/2456
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2456 bảng dữ liệu(HTML) 690 Page - Renesas Technology Corp

Back Button H8S/2456 Datasheet HTML 686Page - Renesas Technology Corp H8S/2456 Datasheet HTML 687Page - Renesas Technology Corp H8S/2456 Datasheet HTML 688Page - Renesas Technology Corp H8S/2456 Datasheet HTML 689Page - Renesas Technology Corp H8S/2456 Datasheet HTML 690Page - Renesas Technology Corp H8S/2456 Datasheet HTML 691Page - Renesas Technology Corp H8S/2456 Datasheet HTML 692Page - Renesas Technology Corp H8S/2456 Datasheet HTML 693Page - Renesas Technology Corp H8S/2456 Datasheet HTML 694Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 690 / 1376 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 660 of 1342
REJ09B0467-0100
10.18.5
Port Function Control Register 4 (PFCR4)
PFCR4 switches the functions of the
WAIT input pin, BREQ input pin, BACK output pin,
BREQO output pin, TxD4 output pin, RxD4 input pin, and SCK4 input/output pin.
Bit
Bit Name
Initial Value
R/W
Description
7
WAITS
0
R/W
WAIT Pin Select
Selects the
WAIT input pin.
0: PF0/
WAIT-A is selected
1: P25/
WAIT-B is selected
6
BREQS
0
R/W
BREQ Pin Select
Selects the
BREQ input pin.
0: PG6/
BREQ-A is selected
1: P51/
BREQ-B is selected
5
BACKS
0
R/W
BACK Pin Select
Selects the
BACK output pin.
0: PG5/
BACK-A is selected
1: P52/
BACK-B is selected
4
BREQOS
0
R/W
BREQO Pin Select
Selects the
BREQO output pin.
0: PG4/
BREQO-A is selected
1: P50/
BREQO-B is selected
3
0
Reserved
This bit is read as 0. When written, the initial value
should be written to.
2
TXD4S
0
R/W
TxD4 Pin Select
Selects the TxD4 output pin.
0: P23/TxD4-A is selected
1: PA1/TxD4-B is selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More