| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2456 bảng dữ liệu(PDF) 381 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2456 bảng dữ liệu(HTML) 381 Page - Renesas Technology Corp |
|
381 / 1376 page ![]() Section 7 DMA Controller (DMAC) Rev. 1.00 Sep. 19, 2008 Page 351 of 1342 REJ09B0467-0100 7.5.5 Single Address Mode Single address mode can only be specified for channel B. This mode can be specified by setting the SAE bit in DMABCRH to 1 in short address mode. One address is specified by MAR, and the other is set automatically to the data transfer acknowledge pin ( DACK). The transfer direction can be specified by the DTDIR bit in DMACR. Table 7.8 summarizes register functions in single address mode. Table 7.8 Register Functions in Single Address Mode Function Register DTDIR = 0 DTDIR = 1 Initial Setting Operation 23 0 MAR Source address register Destination address register Start address of transfer destination or transfer source See sections 7.5.2, Sequential Mode, 7.5.3, Idle Mode, and 7.5.4, Repeat Mode. DACK pin Write strobe Read strobe (Set automatically by SAE bit in DMABCRH; IOAR is invalid) Strobe for external device 0 15 ETCR Transfer counter Number of transfers See sections 7.5.2, Sequential Mode, 7.5.3, Idle Mode, and 7.5.4, Repeat Mode. MAR specifies the start address of the transfer source or transfer destination as 24 bits. IOAR is invalid; in its place the strobe for external devices ( DACK) is output. Figure 7.9 illustrates operation in single address mode (when sequential mode is specified). |