công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2456 bảng dữ liệu(PDF) 378 Page - Renesas Technology Corp

tên linh kiện H8S/2456
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2456 bảng dữ liệu(HTML) 378 Page - Renesas Technology Corp

Back Button H8S/2456 Datasheet HTML 374Page - Renesas Technology Corp H8S/2456 Datasheet HTML 375Page - Renesas Technology Corp H8S/2456 Datasheet HTML 376Page - Renesas Technology Corp H8S/2456 Datasheet HTML 377Page - Renesas Technology Corp H8S/2456 Datasheet HTML 378Page - Renesas Technology Corp H8S/2456 Datasheet HTML 379Page - Renesas Technology Corp H8S/2456 Datasheet HTML 380Page - Renesas Technology Corp H8S/2456 Datasheet HTML 381Page - Renesas Technology Corp H8S/2456 Datasheet HTML 382Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 378 / 1376 page
background image
Section 7 DMA Controller (DMAC)
Rev. 1.00 Sep. 19, 2008 Page 348 of 1342
REJ09B0467-0100
In repeat mode, ETCRL functions as the transfer counter, and ETCRH is used to hold the number
of transfers. ETCRL is decremented by 1 each time a data transfer is executed, and when its value
reaches H'00, it is loaded with the value in ETCRH. At the same time, the value set in MAR is
restored in accordance with the values of the DTSZ and DTID bits in DMACR. The MAR
restoration operation is as shown below.
MAR = MAR – (–1)
DTID · 2DTSZ · ETCRH
The same value should be set in ETCRH and ETCRL.
In repeat mode, operation continues until the DTE bit in DMABCRL is cleared. To end the
transfer operation, therefore, the DTE bit should be cleared to 0. A transfer end interrupt request is
not sent to the CPU or DTC. By setting the DTE bit to 1 again after it has been cleared, the
operation can be restarted from the transfer after that terminated when the DTE bit was cleared.
Figure 7.7 illustrates operation in repeat mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More