| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2456 bảng dữ liệu(PDF) 380 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2456 bảng dữ liệu(HTML) 380 Page - Renesas Technology Corp |
|
380 / 1376 page ![]() Section 7 DMA Controller (DMAC) Rev. 1.00 Sep. 19, 2008 Page 350 of 1342 REJ09B0467-0100 Figure 7.8 shows an example of the setting procedure for repeat mode. Repeat mode setting Set DMABCRH Set transfer source and transfer destination addresses Set number of transfers Set DMACR Read DMABCRL Set DMABCRL Repeat mode [1] [2] [3] [4] [5] [6] [1] Set each bit in DMABCRH. • Clear the FAE bit to 0 to select short address mode. • Specify enabling or disabling of internal interrupt clearing with the DTA bit. [2] Set the transfer source address and transfer destination address in MAR and IOAR. [3] Set the number of transfers in both ETCRH and ETCRL. [4] Set each bit in DMACR. • Set the transfer data size with the DTSZ bit. • Specify whether MAR is to be incremented or decremented with the DTID bit. • Set the RPE bit to 1. • Specify the transfer direction with the DTDIR bit. • Select the activation source with bits DTF3 to DTF0. [5] Read the DTE bit in DMABCRL as 0. [6] Set each bit in DMABCRL. • Clear the DTIE bit to 0. • Set the DTE bit to 1 to enable transfer. Figure 7.8 Example of Repeat Mode Setting Procedure |