công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 1007 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 1007 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 1003Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1004Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1005Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1006Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1007Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1008Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1009Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1010Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1011Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1007 / 1250 page
background image
Section 25 Flash Memory
Rev. 2.00 Aug. 20, 2008 Page 959 of 1198
REJ09B0403-0200
7. Initialization
When a programming program is downloaded, the initialization program is also downloaded to
the on-chip RAM. There is an entry point of the initialization program in the area from the
start address specified by FTDAR + 32 bytes of the on-chip RAM. The subroutine is called
and initialization is executed by using the following steps.
MOV.L
#DLTOP+32,ER2
;
Set entry address to ER2
JSR
@ER2
;
Call initialization routine
NOP
 The general registers other than R0L are held in the initialization program.
 R0L is a return value of the FPFR parameter.
 Since the stack area is used in the initialization program, 128-byte stack area at the
maximum must be allocated in RAM.
 Interrupts can be accepted during the execution of the initialization program. The program
storage area and stack area in the on-chip RAM and register values must not be destroyed.
8. The return value in the initialization program, FPFR (general register R0L) is determined.
9. All interrupts and the use of a bus master other than the CPU are prohibited.
The specified voltage is applied for the specified time when programming or erasing. If
interrupts occur or the bus mastership is moved to other than the CPU during this time, the
voltage for more than the specified time will be applied and flash memory may be damaged.
Therefore, interrupts and bus mastership to other than the CPU, such as to the DTC, are
prohibited.
To disable interrupts, bit 7 (I) in the condition code register (CCR) of the CPU should be set to
B'1 in interrupt control mode 0 or bits 7 and 6 (I and UI) should be set to B'11 in interrupt
control mode 1. Interrupts other than NMI are held and not executed.
The NMI interrupts must be masked within the user system.
The interrupts that are held must be executed after all program processing.
When the bus mastership is moved to other than the CPU, such as to the DTC, the error
protection state is entered. Therefore, taking bus mastership by the DTC is prohibited.
10. FKEY must be set to H'5A and the user MAT must be prepared for programming.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com