| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2472 bảng dữ liệu(PDF) 1008 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2472 bảng dữ liệu(HTML) 1008 Page - Renesas Technology Corp |
|
1008 / 1250 page ![]() Section 25 Flash Memory Rev. 2.00 Aug. 20, 2008 Page 960 of 1198 REJ09B0403-0200 11. The parameter which is required for programming is set. The start address of the programming destination of the user MAT (FMPAR) is set to general register ER1. The start address of the program data area (FMPDR) is set to general register ER0. Example of the FMPAR setting FMPAR specifies the programming destination address. When an address other than one in the user MAT area is specified, even if the programming program is executed, programming is not executed and an error is returned to the return value parameter FPFR. Since the unit is 128 bytes, the lower eight bits of the address must be H'00 or H'80 as the boundary of 128 bytes. Example of the FMPDR setting When the storage destination of the program data is flash memory, even if the program execution routine is executed, programming is not executed and an error is returned to the FPFR parameter. In this case, the program data must be transferred to the on-chip RAM and then programming must be executed. 12. Programming There is an entry point of the programming program in the area from the start address specified by FTDAR + 16 bytes of the on-chip RAM. The subroutine is called and programming is executed by using the following steps. MOV.L #DLTOP+16,ER2 ; Set entry address to ER2 JSR @ER2 ; Call programming routine NOP The general registers other than R0L are held in the programming program. R0L is a return value of the FPFR parameter. Since the stack area is used in the programming program, a stack area of 128 bytes at the maximum must be allocated in RAM. 13. The return value in the programming program, FPFR (general register R0L) is determined. 14. Determine whether programming of the necessary data has finished. If more than 128 bytes of data are to be programmed, specify FMPAR and FMPDR in 128- byte units, and repeat steps 12 to 14. Increment the programming destination address by 128 bytes and update the programming data pointer correctly. If an address which has already been programmed is written to again, not only will a programming error occur, but also flash memory will be damaged. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |