| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2472 bảng dữ liệu(PDF) 1010 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2472 bảng dữ liệu(HTML) 1010 Page - Renesas Technology Corp |
|
1010 / 1250 page ![]() Section 25 Flash Memory Rev. 2.00 Aug. 20, 2008 Page 962 of 1198 REJ09B0403-0200 For the downloaded on-chip program area, refer to the RAM map for programming/erasing in figure 25.12. A single divided block is erased by one erasing processing. For block divisions, refer to figure 25.4. To erase two or more blocks, update the erase block number and perform the erasing processing for each block. 1. Select the on-chip program to be downloaded Set the EPVB bit in FECS to 1. Several programming/erasing programs cannot be selected at one time. If several programs are set, download is not performed and a download error is reported to the SS bit in the DPFR parameter. Specify the start address of a download destination by FTDAR. The procedures to be carried out after setting FKEY, e.g. download and initialization, are the same as those in the programming procedure. For details, refer to Programming Procedure in User Program Mode in section 25.4.3 (2), Programming Procedure in User Program Mode. The procedures after setting parameters for erasing programs are as follows: 2. Set the FEBS parameter necessary for erasure Set the erase block number of the user MAT in the flash erase block select parameter FEBS (general register ER0). If a value other than an erase block number of the user MAT is set, no block is erased even though the erasing program is executed, and an error is returned to the return value parameter FPFR. 3. Erasure Similar to as in programming, there is an entry point of the erasing program in the area from the start address of a download destination specified by FTDAR + 16 bytes of on-chip RAM. The subroutine is called and erasing is executed by using the following steps. MOV.L #DLTOP+16,ER2 ; Set entry address to ER2 JSR @ER2 ; Call erasing routine NOP • The general registers other than R0L are held in the erasing program. • R0L is a return value of the FPFR parameter. • Since the stack area is used in the erasing program, a stack area of 128 bytes at the maximum must be allocated in RAM. 4. The return value in the erasing program, FPFR (general register R0L) is determined. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |