công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 1006 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 1006 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 1002Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1003Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1004Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1005Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1006Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1007Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1008Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1009Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1010Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1006 / 1250 page
background image
Section 25 Flash Memory
Rev. 2.00 Aug. 20, 2008 Page 958 of 1198
REJ09B0403-0200
 After the on-chip program storage area is returned to the user-MAT space, the user
procedure program is returned.
 In the download processing, the values of general registers of the CPU are held.
 In the download processing, any interrupts are not accepted. However, interrupt requests
are held. Therefore, when the user procedure program is returned, the interrupts occur.
 When the level-detection interrupt requests are to be held, interrupts must be input until the
download is ended.
 When hardware standby mode is entered during download processing, the normal
download cannot be guaranteed in the on-chip RAM. Therefore, download must be
executed again.
 Since a stack area of 128 bytes at the maximum is used, the area must be allocated before
setting the SCO bit to 1.
 If a flash memory access by the DTC signal is requested during downloading, the operation
cannot be guaranteed. Therefore, an access request by the DTC signal must not be
generated.
4. FKEY is cleared to H'00 for protection.
5. The value of the DPFR parameter must be checked and the download result must be
confirmed.
 Check the value of the DPFR parameter (one byte of start address of the download
destination specified by FTDAR). If the value is H'00, download has been performed
normally. If the value is not H'00, the source that caused download to fail can be
investigated by the description below.
 If the value of the DPFR parameter is the same as before downloading (e.g. H'FF), the
address setting of the download destination in FTDAR may be abnormal. In this case,
confirm the setting of the TDER bit (bit 7) in FTDAR.
 If the value of the DPFR parameter is different from before downloading, check the SS bit
(bit 2) and the FK bit (bit 1) in the DPFR parameter to ensure that the download program
selection and FKEY setting were normal, respectively.
6. The operating frequency is set in the FPEFEQ parameter for initialization.
 The current frequency of the CPU clock is set to the FPEFEQ parameter value (general
register ER0).
The settable range of the FPEFEQ parameter is 20 to 34 MHz. When the frequency is set to
out of this range, an error is returned to the FPFR parameter of the initialization program
and initialization is not performed. For details on the frequency setting, see the description
in 25.3.2 (2) (a), Flash programming/erasing frequency parameter (FPEFEQ: general
register ER0 of CPU).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com