công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 1005 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 1005 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 1001Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1002Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1003Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1004Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1005Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1006Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1007Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1008Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1009Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1005 / 1250 page
background image
Section 25 Flash Memory
Rev. 2.00 Aug. 20, 2008 Page 957 of 1198
REJ09B0403-0200
128-byte programming is performed in one program processing. When more than 128-byte
programming is performed, programming destination address/program data parameter is updated
in 128-byte units and programming is repeated.
When less than 128-byte programming is performed, data must total 128 bytes by adding the
invalid data. If the dummy data to be added is H'FF, the program processing period can be
shortened.
1. Select the on-chip program to be downloaded and specify a download destination
When the PPVS bit of FPCS is set to 1, the programming program is selected. Several
programming/erasing programs cannot be selected at one time. If several programs are set,
download is not performed and a download error is returned to the SS bit in DPFR. The start
address of a download destination is specified by FTDAR.
2. Program H'A5 in FKEY
If H'A5 is not written to FKEY for protection, 1 cannot be set to the SCO bit for download
request.
3. 1 is set to the SCO bit of FCCS and then download is executed.
To set 1 to the SCO bit, the following conditions must be satisfied.
 H'A5 is written to FKEY.
 The SCO bit writing is executed in the on-chip RAM.
When the SCO bit is set to 1, download is started automatically. When the SCO bit is returned
to the user procedure program, the SCO is cleared to 0. Therefore, the SCO bit cannot be
confirmed to be 1 in the user procedure program.
The download result can be confirmed only by the return value of DPFR. Before the SCO bit
is set to 1, incorrect determination must be prevented by setting the one byte of the start
address (to be used as DPFR) specified by FTDAR to a value other than the return value (e.g.
H'FF).
When download is executed, particular interrupt processing, which is accompanied by the bank
switch as described below, is performed as an internal microcomputer processing. Four NOP
instructions are executed immediately after the instructions that set the SCO bit to 1.
 The user-MAT space is switched to the on-chip program storage area.
 After the selection condition of the download program and the FTDAR setting are checked,
the transfer processing to the on-chip RAM specified by FTDAR is executed.
 The SCO bit in FCCS is cleared to 0.
 The return value is set to the DPFR parameter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com