công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 1003 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 1003 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 999Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1000Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1001Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1002Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1003Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1004Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1005Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1006Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1007Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1003 / 1250 page
background image
Section 25 Flash Memory
Rev. 2.00 Aug. 20, 2008 Page 955 of 1198
REJ09B0403-0200
(1)
On-chip RAM Address Map when Programming/Erasing is Executed
Parts of the procedure program that are made by the user, like download request,
programming/erasing procedure, and determination of the result, must be executed in the on-chip
RAM. The on-chip program that is to be downloaded is all in the on-chip RAM. Note that area in
the on-chip RAM must be controlled so that these parts do not overlap.
Figure 25.12 shows the program area to be downloaded.
System use area
(15 bytes)
<On-chip RAM>
Address
Area to be
downloaded
(Size : 3 Kbytes)
Unusable area in
programming/erasing
processing period
Area that can be used by user*
DPFR
(Return value: 1 byte)
Programming/erasing program entry
Initialization program entry
Initialization
+ programming program
or
Initialization
+ erasing program
Area that can be used by user*
Note: * The on-chip RAM area in this LSI is split into H'FF0800 to H'FF97FF,
H'FFE080 to H'FFEFFF, and H'FFFF00 to H'FFFF7F.
The area that can be used by the user is specified by FTDAR.
RAMTOP
FTDAR setting
FTDAR setting
+ 16
FTDAR setting
+ 32
FTDAR setting
+ 3 Kbytes
RAMEND
Figure 25.12 RAM Map When Programming/Erasing is Executed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com