công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 1004 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 1004 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 1000Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1001Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1002Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1003Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1004Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1005Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1006Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1007Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1008Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1004 / 1250 page
background image
Section 25 Flash Memory
Rev. 2.00 Aug. 20, 2008 Page 956 of 1198
REJ09B0403-0200
(2)
Programming Procedure in User Program Mode
The procedures for download, initialization, and programming are shown in figure 25.13.
Select on-chip program
to be downloaded and
specify download
destination by FTDAR
Set FKEY to H'A5
Set SCO to 1 and
execute download
DPFR
= 0?
Yes
No
Download error processing
Set the FPEFEQ
parameter
Yes
End programming
procedure program
FPFR
= 0?
No
Disable interrupts and bus
master operation
other than CPU
Clear FKEY to 0
Programming
JSR FTDAR setting
+ 16
Yes
FPFR
= 0?
No
Clear FKEY and
programming
error processing
Yes
Required data
programming is
completed?
No
Set FKEY to H'5A
Clear FKEY to 0
1.
2.
4.
5.
6.
7.
8.
9.
10.
11.
12.
13.
14.
15.
1
1
3.
Initialization
JSR FTDAR setting
+ 32
Initialization error processing
Set parameters to ER1
and ER0
(FMPAR and FMPDR)
Start programming
procedure program
Figure 25.13 Programming Procedure
The procedure program must be executed in an area other than the flash memory to be
programmed. Especially the part where the SCO bit in FCCS is set to 1 for downloading must be
executed in the on-chip RAM.
The area that can be executed in the steps of the user procedure program (on-chip RAM, user
MAT, and external space) is shown in section 25.4.5, Procedure Program and Storable Area for
Programming Data.
The following description assumes the area to be programmed on the user MAT is erased and
program data is prepared in the consecutive area. When erasing is not executed, erasing is
executed before writing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com