công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 1002 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 1002 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 998Page - Renesas Technology Corp H8S/2472 Datasheet HTML 999Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1000Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1001Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1002Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1003Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1004Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1005Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1006Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1002 / 1250 page
background image
Section 25 Flash Memory
Rev. 2.00 Aug. 20, 2008 Page 954 of 1198
REJ09B0403-0200
25.4.3
User Program Mode
The user MAT can be programmed/erased in user program mode. (The user boot MAT cannot be
programmed/erased.)
Programming/erasing is executed by downloading the program in the microcomputer.
The overview flow is shown in figure 25.11.
High voltage is applied to internal flash memory during the programming/erasing processing.
Therefore, transition to reset or hardware standby must not be executed. Doing so may damage or
destroy flash memory. If reset is executed accidentally, reset must be released after the reset input
period of 100
µs which is longer than normal.
When programming,
program data is prepared
Programming/erasing
procedure program is
transferred to the on-chip
RAM and executed
Programming/erasing
start
Programming/erasing
end
Make sure that the program data will not overlap the download
destination specified by FTDAR.
The FWE bit is set to 1 by inputting a high level signal to the FWE
pin.
Programming/erasing is executed only in the on-chip RAM.
However, if program data is in a consecutive area and can be
accessed by the MOV.B instruction of the CPU like RAM or
ROM, the program data can be in an external space.
After programming/erasing is finished, input a low level signal to
the FWE pin and transfer to the hardware protection state.
1.
2.
3.
4.
Figure 25.11 Programming/Erasing Overview Flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com