công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 998 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 998 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 994Page - Renesas Technology Corp H8S/2472 Datasheet HTML 995Page - Renesas Technology Corp H8S/2472 Datasheet HTML 996Page - Renesas Technology Corp H8S/2472 Datasheet HTML 997Page - Renesas Technology Corp H8S/2472 Datasheet HTML 998Page - Renesas Technology Corp H8S/2472 Datasheet HTML 999Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1000Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1001Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1002Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 998 / 1250 page
background image
Section 25 Flash Memory
Rev. 2.00 Aug. 20, 2008 Page 950 of 1198
REJ09B0403-0200
25.4.2
USB Boot Mode
The H8S/2472 Group supports the USB boot mode. USB boot mode executes
programming/erasing of the user MAT by means of the control command and program data
transmitted from the externally connected host via the USB.
In USB boot mode, the tool for transmitting the control command and program data, and the
program data must be prepared in the host. The system configuration in USB boot mode is shown
in figure 25.9. Interrupts are ignored in USB boot mode. Configure the user system so that
interrupts do not occur.
Host or
self-power HUB
Programming tool
and program data
Software for
analyzing
control
commands
(on-chip)
This LSI
Flash
memory
On-chip
RAM
USB
PF5
MD1
PUPDPLS
1
0
VBUS
USB+
USB-
Rs
Data transmission/
reception
Rs
1.5 k
Ω
MD2
0
Figure 25.9 System Configuration in USB Boot Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com