công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 996 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 996 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 992Page - Renesas Technology Corp H8S/2472 Datasheet HTML 993Page - Renesas Technology Corp H8S/2472 Datasheet HTML 994Page - Renesas Technology Corp H8S/2472 Datasheet HTML 995Page - Renesas Technology Corp H8S/2472 Datasheet HTML 996Page - Renesas Technology Corp H8S/2472 Datasheet HTML 997Page - Renesas Technology Corp H8S/2472 Datasheet HTML 998Page - Renesas Technology Corp H8S/2472 Datasheet HTML 999Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1000Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 996 / 1250 page
background image
Section 25 Flash Memory
Rev. 2.00 Aug. 20, 2008 Page 948 of 1198
REJ09B0403-0200
(2)
State Transition Diagram
The overview of the state transition diagram after boot mode is initiated is shown in figure 25.8.
1. Bit rate adjustment
After boot mode is initiated, the bit rate of the SCI interface is adjusted with that of the host.
2. Waiting for inquiry set command
For inquiries about user-MAT size and configuration, MAT start address, and support state,
the required information is transmitted to the host.
3. Automatic erasure of all user MAT and user boot MAT
After inquiries have finished, all user MAT and user boot MAT are automatically erased.
4. Waiting for programming/erasing command
 When the program preparation notice is received, the state for waiting program data is
entered. The programming start address and program data must be transmitted following
the programming command. When programming is finished, the programming start address
must be set to H'FFFFFFFF and transmitted. Then the state for waiting program data is
returned to the state of programming/erasing command wait.
 When the erasure preparation notice is received, the state for waiting erase-block data is
entered. The erase-block number must be transmitted following the erasing command.
When the erasure is finished, the erase-block number must be set to H'FF and transmitted.
Then the state for waiting erase-block data is returned to the state for waiting
programming/erasing command. The erasure must be used when the specified block is
programmed without a reset start after programming is executed in boot mode. When
programming can be executed by only one operation, all blocks are erased before the state
for waiting programming/erasing/other command is entered. The erasing operation is not
required.
 There are many commands other than programming/erasing. Examples are sum check,
blank check (erasure check), and memory read of the user MAT/user boot MAT and
acquisition of current status information.
Note that memory read of the user MAT/user boot MAT can only read the programmed data after
all user MAT/user boot MAT has automatically been erased.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com