công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 993 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 993 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 989Page - Renesas Technology Corp H8S/2472 Datasheet HTML 990Page - Renesas Technology Corp H8S/2472 Datasheet HTML 991Page - Renesas Technology Corp H8S/2472 Datasheet HTML 992Page - Renesas Technology Corp H8S/2472 Datasheet HTML 993Page - Renesas Technology Corp H8S/2472 Datasheet HTML 994Page - Renesas Technology Corp H8S/2472 Datasheet HTML 995Page - Renesas Technology Corp H8S/2472 Datasheet HTML 996Page - Renesas Technology Corp H8S/2472 Datasheet HTML 997Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 993 / 1250 page
background image
Section 25 Flash Memory
Rev. 2.00 Aug. 20, 2008 Page 945 of 1198
REJ09B0403-0200
Bit
Bit Name
Initial
Value
R/W
Description
3
EB
R/W
Erase Block Select Error Detect
Returns the check result whether the specified erase-
block number is in the block range of the user MAT.
0: Setting of erase-block number is normal
1: Setting of erase-block number is abnormal
2, 1
Unused
Return 0.
0
SF
R/W
Success/Fail
Indicates whether the erasing processing is ended
normally or not.
0: Erasure is ended normally (no error)
1: Erasure is ended abnormally (error occurs)
25.4
On-Board Programming Mode
When the pin is set in on-board programming mode and the reset start is executed, the on-board
programming state that can program/erase the on-chip flash memory is entered. On-board
programming mode has three operating modes: boot mode, user program mode, and user boot
mode.
For details of the pin setting for entering each mode, see table 25.5. For details of the state
transition of each mode for flash memory, see figure 25.2.
Table 25.5
Setting On-Board Programming Mode
Mode Setting
FWE
MD2
MD1
NMI
PF5
SCI_1
1
0
0
1
0
Boot mode
USB
1
0
0
1
1
User program mode
1*
1
1
0/1
User boot mode
1
0
0
0
Note:
*
Before downloading the programming/erasing programs, the FLSHE bit must be set to
1 to transition to user program mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com