công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 992 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 992 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 988Page - Renesas Technology Corp H8S/2472 Datasheet HTML 989Page - Renesas Technology Corp H8S/2472 Datasheet HTML 990Page - Renesas Technology Corp H8S/2472 Datasheet HTML 991Page - Renesas Technology Corp H8S/2472 Datasheet HTML 992Page - Renesas Technology Corp H8S/2472 Datasheet HTML 993Page - Renesas Technology Corp H8S/2472 Datasheet HTML 994Page - Renesas Technology Corp H8S/2472 Datasheet HTML 995Page - Renesas Technology Corp H8S/2472 Datasheet HTML 996Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 992 / 1250 page
background image
Section 25 Flash Memory
Rev. 2.00 Aug. 20, 2008 Page 944 of 1198
REJ09B0403-0200
(b)
Flash pass/fail parameter (FPFR: general register R0L of CPU)
This parameter returns value of the erasing processing result.
Bit
Bit Name
Initial
Value
R/W
Description
7
Unused
Return 0.
6
MD
R/W
Programming Mode Related Setting Error Detect
Returns the check result that a high level signal is input
to the FWE pin and the error protection state is not
entered. When the low level signal is input to the FWE
pin or the error protection state is entered, 1 is written to
this bit. The state can be confirmed with the FWE and
FLER bits in FCCS. For conditions to enter the error
protection state, see section 25.5.3, Error Protection.
0: FWE and FLER settings are normal (FWE = 1,
FLER = 0)
1:
Programming cannot be performed (FWE = 0 or
FLER = 1)
5
EE
R/W
Erasure Execution Error Detect
1 is returned to this bit when the user MAT could not be
erased or when flash-memory related register settings
are partially changed. If this bit is set to 1, there is a high
possibility that the user MAT is partially erased. In this
case, after removing the error factor, erase the user
MAT. If FMATS is set to H'AA and the user boot MAT is
selected, an error occurs when erasure is performed. In
this case, both the user MAT and user boot MAT are not
erased. Erasing of the user boot MAT should be
performed in boot mode or programmer mode.
0: Erasure has ended normally
1: Erasure has ended abnormally (erasure result is not
guaranteed)
4
FK
R/W
Flash Key Register Error Detect
Returns the check result of FKEY value before start of
the erasing processing.
0: FKEY setting is normal (FKEY = H'5A)
1: FKEY setting is error (FKEY = value other than H'5A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com