công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 988 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 988 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 984Page - Renesas Technology Corp H8S/2472 Datasheet HTML 985Page - Renesas Technology Corp H8S/2472 Datasheet HTML 986Page - Renesas Technology Corp H8S/2472 Datasheet HTML 987Page - Renesas Technology Corp H8S/2472 Datasheet HTML 988Page - Renesas Technology Corp H8S/2472 Datasheet HTML 989Page - Renesas Technology Corp H8S/2472 Datasheet HTML 990Page - Renesas Technology Corp H8S/2472 Datasheet HTML 991Page - Renesas Technology Corp H8S/2472 Datasheet HTML 992Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 988 / 1250 page
background image
Section 25 Flash Memory
Rev. 2.00 Aug. 20, 2008 Page 940 of 1198
REJ09B0403-0200
(a)
Flash multipurpose address area parameter (FMPAR: general register ER1 of CPU)
This parameter stores the start address of the programming destination on the user MAT.
When the address in the area other than flash memory space is set, an error occurs.
The start address of the programming destination must be at the 128-byte boundary. If this
boundary condition is not satisfied, an error occurs. The error occurrence is indicated by the WA
bit (bit 1) in FPFR.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 0
MOA31 to
MOA0
R/W
Store the start address of the programming destination
on the user MAT. The consecutive 128-byte
programming is executed starting from the specified start
address of the user MAT. Therefore, the specified
programming start address becomes a 128-byte
boundary and MOA6 to MOA0 are always 0.
(b)
Flash multipurpose data destination parameter (FMPDR: general register ER0 of
CPU):
This parameter stores the start address in the area which stores the data to be programmed in the
user MAT. When the storage destination of the program data is in flash memory, an error occurs.
The error occurrence is indicated by the WD bit in FPFR.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 0
MOD31 to
MOD0
R/W
Store the start address of the area which stores the
program data for the user MAT. The consecutive 128-
byte data is programmed to the user MAT starting from
the specified start address.
(c)
Flash pass/fail parameter (FPFR: general register R0L of CPU)
This parameter indicates the return value of the program processing result.
Bit
Bit Name
Initial
Value
R/W
Description
7
Unused
Return 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com