công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 986 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 986 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 982Page - Renesas Technology Corp H8S/2472 Datasheet HTML 983Page - Renesas Technology Corp H8S/2472 Datasheet HTML 984Page - Renesas Technology Corp H8S/2472 Datasheet HTML 985Page - Renesas Technology Corp H8S/2472 Datasheet HTML 986Page - Renesas Technology Corp H8S/2472 Datasheet HTML 987Page - Renesas Technology Corp H8S/2472 Datasheet HTML 988Page - Renesas Technology Corp H8S/2472 Datasheet HTML 989Page - Renesas Technology Corp H8S/2472 Datasheet HTML 990Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 986 / 1250 page
background image
Section 25 Flash Memory
Rev. 2.00 Aug. 20, 2008 Page 938 of 1198
REJ09B0403-0200
(2)
Programming/Erasing Initialization
The on-chip programming/erasing program to be downloaded includes the initialization program.
The specified period pulse must be applied when programming or erasing. The specified pulse
width is made by the method in which wait loop is configured by the CPU instruction. The
operating frequency of the CPU must be set.
The initial program is set as a parameter of the programming/erasing program which has
downloaded these settings.
(a)
Flash programming/erasing frequency parameter (FPEFEQ: general register ER0 of
CPU)
This parameter sets the operating frequency of the CPU. The settable range of the operating
frequency in this LSI is 20 to 34 MHz.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 16
Unused
This bit should be cleared to 0.
15 to 0
F15 to F0
R/W
Frequency Set
Set the operating frequency of the CPU. With the PLL
multiplication function, set the frequency multiplied. The
setting value must be calculated as the following
methods.
1. The operating frequency which is shown in MHz units
must be rounded in a number to three decimal places
and be shown in a number of two decimal places.
2. The value multiplied by 100 is converted to the binary
digit and is written to the FPEFEQ parameter
(general register ER0).
For example, when the operating frequency of the CPU
is 33.000 MHz, the value is as follows.
1. The number to three decimal places of 34.000 is
rounded and the value is thus 34.00.
2. The formula that 34.00
× 100 = 3400 is converted to
the binary digit and B'0000,1101,0100,1000 (H'0D48)
is set to ER0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com