công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 984 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 984 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 980Page - Renesas Technology Corp H8S/2472 Datasheet HTML 981Page - Renesas Technology Corp H8S/2472 Datasheet HTML 982Page - Renesas Technology Corp H8S/2472 Datasheet HTML 983Page - Renesas Technology Corp H8S/2472 Datasheet HTML 984Page - Renesas Technology Corp H8S/2472 Datasheet HTML 985Page - Renesas Technology Corp H8S/2472 Datasheet HTML 986Page - Renesas Technology Corp H8S/2472 Datasheet HTML 987Page - Renesas Technology Corp H8S/2472 Datasheet HTML 988Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 984 / 1250 page
background image
Section 25 Flash Memory
Rev. 2.00 Aug. 20, 2008 Page 936 of 1198
REJ09B0403-0200
(1)
Download Control
The on-chip program is automatically downloaded by setting the SCO bit to 1. The on-chip RAM
area to be downloaded is the 3-Kbyte area starting from the address specified by FTDAR.
Download control is set by the program/erase interface registers, and the DPFR parameter
indicates the return value.
(a)
Download pass/fail result parameter (DPFR: single byte of start address specified by
FTDAR)
This parameter indicates the return value of the download result. The value of this parameter can
be used to determine if downloading is executed or not. Since the confirmation whether the SCO
bit is set to 1 is difficult, the certain determination must be performed by writing the single byte of
the start address specified by FTDAR to the value other than the return value of download (for
example, H'FF) before the download start (before setting the SCO bit to 1).
Bit
Bit Name
Initial
Value
R/W
Description
7 to 3
Unused
Return 0
2
SS
R/W
Source Select Error Detect
Only one type for the on-chip program which can be
downloaded can be specified. When more than two
types of the program are selected, the program is not
selected, or the program is selected without mapping,
error is occurred.
0: Download program can be selected normally
1: Download error is occurred (multi-selection or
program which is not mapped is selected)
1
FK
R/W
Flash Key Register Error Detect
Returns the check result whether the value of FKEY is
set to H'A5.
0: KEY setting is normal (FKEY = H'A5)
1: Setting value of FKEY becomes error (FKEY = value
other than H
'A5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com