công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 980 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 980 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 976Page - Renesas Technology Corp H8S/2472 Datasheet HTML 977Page - Renesas Technology Corp H8S/2472 Datasheet HTML 978Page - Renesas Technology Corp H8S/2472 Datasheet HTML 979Page - Renesas Technology Corp H8S/2472 Datasheet HTML 980Page - Renesas Technology Corp H8S/2472 Datasheet HTML 981Page - Renesas Technology Corp H8S/2472 Datasheet HTML 982Page - Renesas Technology Corp H8S/2472 Datasheet HTML 983Page - Renesas Technology Corp H8S/2472 Datasheet HTML 984Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 980 / 1250 page
background image
Section 25 Flash Memory
Rev. 2.00 Aug. 20, 2008 Page 932 of 1198
REJ09B0403-0200
• Flash MAT Select Register (FMATS)
FMATS specifies whether user MAT or user boot MAT is selected.
Bit
Bit Name
Initial
Value
R/W
Description
7
6
5
4
3
2
1
0
MS7
MS6
MS5
MS4
MS3
MS2
MS1
MS0
0/1*
0
0/1*
0
0/1*
0
0/1*
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
MAT Select
These bits are in user-MAT selection state when the
value other than H'AA is written and in user-boot-MAT
selection state when H'AA is written.
The MAT is switched by writing the value in FMATS.
When the MAT is switched, follow section 25.6,
Switching between User MAT and User Boot MAT. (The
user boot MAT cannot be programmed in user program
mode if user boot MAT is selected by FMATS. The user
boot MAT must be programmed in boot mode or in
programmer mode.)
H'AA: The user boot MAT is selected (in user-MAT
selection state when the value of these bits are
other than H'AA)
Initial value when these bits are initiated in user
boot mode.
H'00: Initial value when these bits are initiated in a mode
except for user boot mode (in user-MAT selection
state)
[Programmable condition]
These bits are in the execution state in the on-chip RAM.
Note:
*
Set to 1 when in user boot mode, otherwise set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com