công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 976 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 976 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 972Page - Renesas Technology Corp H8S/2472 Datasheet HTML 973Page - Renesas Technology Corp H8S/2472 Datasheet HTML 974Page - Renesas Technology Corp H8S/2472 Datasheet HTML 975Page - Renesas Technology Corp H8S/2472 Datasheet HTML 976Page - Renesas Technology Corp H8S/2472 Datasheet HTML 977Page - Renesas Technology Corp H8S/2472 Datasheet HTML 978Page - Renesas Technology Corp H8S/2472 Datasheet HTML 979Page - Renesas Technology Corp H8S/2472 Datasheet HTML 980Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 976 / 1250 page
background image
Section 25 Flash Memory
Rev. 2.00 Aug. 20, 2008 Page 928 of 1198
REJ09B0403-0200
Bit
Bit Name
Initial
Value
R/W
Description
3
WEINTE
0
R/W
Program/Erase Enable
Modifies the space for the interrupt vector table, when
interrupt vector data is not read successfully during
programming/erasing flash memory or switching between
a user MAT and a user boot MAT. When this bit is set to
1, interrupt vector data is read from address spaces
H'FFE080 to H'FFE0FF (on-chip RAM space), instead of
from address spaces H'000000 to H'00007F (up to vector
number 31). Therefore, make sure to set the vector table
in the on-chip RAM space before setting this bit to 1.
The interrupt exception handling on and after vector
number 32 should not be used because the correct
vector is not read, resulting in the CPU runaway.
0: The space for the interrupt vector table is not modified.
When interrupt vector data is not read successfully,
the operation for the interrupt exception handling
cannot be guaranteed. An occurrence of any interrupts
should be masked.
1: The space for the interrupt vector table is modified.
Even when interrupt vector data is not read
successfully, the interrupt exception handling up to
vector number 31 is enabled.
2, 1
All 0
R/W
Reserved
The initial value should not be changed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com