công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 972 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 972 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 968Page - Renesas Technology Corp H8S/2472 Datasheet HTML 969Page - Renesas Technology Corp H8S/2472 Datasheet HTML 970Page - Renesas Technology Corp H8S/2472 Datasheet HTML 971Page - Renesas Technology Corp H8S/2472 Datasheet HTML 972Page - Renesas Technology Corp H8S/2472 Datasheet HTML 973Page - Renesas Technology Corp H8S/2472 Datasheet HTML 974Page - Renesas Technology Corp H8S/2472 Datasheet HTML 975Page - Renesas Technology Corp H8S/2472 Datasheet HTML 976Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 972 / 1250 page
background image
Section 25 Flash Memory
Rev. 2.00 Aug. 20, 2008 Page 924 of 1198
REJ09B0403-0200
25.3
Register Descriptions
The registers/parameters which control flash memory are shown in the following. To read from or
write to these registers/parameters, the FLSHE bit in the serial timer control register (STCR) must
be set to 1. For details on STCR, see section 3.2.3, Serial Timer Control Register (STCR).
• Flash code control status register (FCCS)
• Flash program code select register (FPCS)
• Flash erase code select register (FECS)
• Flash key code register (FKEY)
• Flash MAT select register (FMATS)
• Flash transfer destination address register (FTDAR)
• Download pass/fail result (DPFR)
• Flash pass/fail result (FPFR)
• Flash multipurpose address area (FMPAR)
• Flash multipurpose data destination area (FMPDR)
• Flash erase Block select (FEBS)
• Flash programming/erasing frequency control (FPEFEQ)
There are several operating modes for accessing flash memory, for example, read mode/program
mode.
There are two memory MATs: user MAT and user boot MAT. The dedicated registers/parameters
are allocated for each operating mode and MAT selection. The correspondence of operating modes
and registers/parameters for use is shown in table 25.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com