công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 975 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 975 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 971Page - Renesas Technology Corp H8S/2472 Datasheet HTML 972Page - Renesas Technology Corp H8S/2472 Datasheet HTML 973Page - Renesas Technology Corp H8S/2472 Datasheet HTML 974Page - Renesas Technology Corp H8S/2472 Datasheet HTML 975Page - Renesas Technology Corp H8S/2472 Datasheet HTML 976Page - Renesas Technology Corp H8S/2472 Datasheet HTML 977Page - Renesas Technology Corp H8S/2472 Datasheet HTML 978Page - Renesas Technology Corp H8S/2472 Datasheet HTML 979Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 975 / 1250 page
background image
Section 25 Flash Memory
Rev. 2.00 Aug. 20, 2008 Page 927 of 1198
REJ09B0403-0200
Bit
Bit Name
Initial
Value
R/W
Description
4
FLER
0
R
Flash Memory Error
Indicates an error occurs during programming and
erasing flash memory. When FLER is set to 1, flash
memory enters the error protection state.
When FLER is set to 1, high voltage is applied to the
internal flash memory. To reduce the damage to flash
memory, the reset must be released after the reset
period of 100
µs which is longer than normal.
0: Flash memory operates normally.
Programming/erasing protection for flash memory
(error protection) is invalid.
[Clearing condition]
• At a reset or in hardware standby mode
1: An error occurs during programming/erasing flash
memory.
Programming/erasing protection for flash memory
(error protection) is valid.
[Setting conditions]
• When an interrupt, such as NMI, occurs during
programming/erasing flash memory.
• When the flash memory is read during
programming/erasing flash memory (including a
vector read or an instruction fetch).
• When the SLEEP instruction is executed during
programming/erasing flash memory (including
software-standby mode)
• When a bus master other than the CPU, such as the
DTC, gets bus mastership during
programming/erasing flash memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com