công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 969 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 969 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 965Page - Renesas Technology Corp H8S/2472 Datasheet HTML 966Page - Renesas Technology Corp H8S/2472 Datasheet HTML 967Page - Renesas Technology Corp H8S/2472 Datasheet HTML 968Page - Renesas Technology Corp H8S/2472 Datasheet HTML 969Page - Renesas Technology Corp H8S/2472 Datasheet HTML 970Page - Renesas Technology Corp H8S/2472 Datasheet HTML 971Page - Renesas Technology Corp H8S/2472 Datasheet HTML 972Page - Renesas Technology Corp H8S/2472 Datasheet HTML 973Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 969 / 1250 page
background image
Section 25 Flash Memory
Rev. 2.00 Aug. 20, 2008 Page 921 of 1198
REJ09B0403-0200
25.1.5
Programming/Erasing Interface
Programming/erasing is executed by downloading the on-chip program to the on-chip RAM and
specifying the program address/data and erase block by using the interface register/parameter.
The procedure program is made by the user in user program mode and user boot mode. An
overview of the procedure is given as follows. For details, see section 25.4.3, User Program Mode.
Initialization execution
(downloaded program execution)
Select on-chip program to be
downloaded and
specify the destination.
Start user procedure
program for programming/erasing.
End user procedure
program
Yes
Programming (in 128-byte units)
or erasing (in one-block units)
(downloaded program execution)
Download on-chip program
by setting FKEY and SCO bits.
No
Programming/erasing
completed?
Figure 25.5 Overview of User Procedure Program
1. Selection of on-chip program to be downloaded
For programming/erasing execution, the FLSHE bit in STCR must be set to 1 to transition to
user program mode.
This LSI has programming/erasing programs which can be downloaded to the on-chip RAM.
The on-chip program to be downloaded is selected by setting the corresponding bits in the
programming/erasing interface register. The address of the programming destination is
specified by the flash transfer destination address register (FTDAR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com