công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 966 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 966 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 962Page - Renesas Technology Corp H8S/2472 Datasheet HTML 963Page - Renesas Technology Corp H8S/2472 Datasheet HTML 964Page - Renesas Technology Corp H8S/2472 Datasheet HTML 965Page - Renesas Technology Corp H8S/2472 Datasheet HTML 966Page - Renesas Technology Corp H8S/2472 Datasheet HTML 967Page - Renesas Technology Corp H8S/2472 Datasheet HTML 968Page - Renesas Technology Corp H8S/2472 Datasheet HTML 969Page - Renesas Technology Corp H8S/2472 Datasheet HTML 970Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 966 / 1250 page
background image
Section 25 Flash Memory
Rev. 2.00 Aug. 20, 2008 Page 918 of 1198
REJ09B0403-0200
25.1.2
Mode Comparison
The comparison table of programming and erasing related items about boot mode, user program
mode, user boot mode, and programmer mode is shown in table 25.1.
Table 25.1
Comparison of Programming Modes
Boot Mode
User Program
Mode
User Boot Mode
Programmer
Mode
Programming/
erasing
environment
On-board
On-board
On-board
PROM
programmer
Programming/
erasing enable
MAT
User MAT
User boot MAT
User MAT
User MAT
User MAT
User boot MAT
All erasure
(Automatic)
(Automatic)
Block division
erasure
*
1
×
Program data
transfer
From host via SCI
or USB
Via optional device Via optional device Via programmer
Reset initiation
MAT
Embedded
program storage
MAT
User MAT
User boot MAT*
2
Transition to user
mode
Changing mode
setting and reset
Changing FLSHE
bit and FWE pin
Changing mode
setting and reset
Notes: 1. All-erasure is performed. After that, the specified block can be erased.
2. Firstly, the reset vector is fetched from the embedded program storage MAT. After the
flash memory related registers are checked, the reset vector is fetched from the user
boot MAT.
• The user boot MAT can be programmed or erased only in boot mode and programmer mode.
• The user MAT and user boot MAT are erased in boot mode. Then, the user MAT and user boot
MAT can be programmed by means of the command method. However, the contents of the
MAT cannot be read until this state.
Only user boot MAT is programmed and the user MAT is programmed in user boot mode or
only user MAT is programmed because user boot mode is not used.
• The boot operation of the optional interface can be performed by the mode pin setting different
from user program mode in user boot mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com