công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 963 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 963 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 959Page - Renesas Technology Corp H8S/2472 Datasheet HTML 960Page - Renesas Technology Corp H8S/2472 Datasheet HTML 961Page - Renesas Technology Corp H8S/2472 Datasheet HTML 962Page - Renesas Technology Corp H8S/2472 Datasheet HTML 963Page - Renesas Technology Corp H8S/2472 Datasheet HTML 964Page - Renesas Technology Corp H8S/2472 Datasheet HTML 965Page - Renesas Technology Corp H8S/2472 Datasheet HTML 966Page - Renesas Technology Corp H8S/2472 Datasheet HTML 967Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 963 / 1250 page
background image
Section 25 Flash Memory
Rev. 2.00 Aug. 20, 2008 Page 915 of 1198
REJ09B0403-0200
Section 25 Flash Memory
The flash memory has the following features. Figure 25.1 shows a block diagram of the flash
memory.
25.1
Features
• Size
512 Kbytes (ROM address: H'000000 to H'07FFFF)
• Programming/erasing interface by the download of on-chip program
This LSI has a dedicated programming/erasing program. After downloading this program to
the on-chip RAM, programming/erasing can be performed by setting the argument parameter.
• Programming/erasing time
The flash memory programming time is 1 ms (typ) in 128-byte simultaneous programming and
approximately 7.8
µs per byte. The erasing time is 600 ms (typ) per 64-Kbyte block.
• Number of programming
The number of flash memory programming can be up to 100 times at the minimum. (The value
ranged from 1 to 100 is guaranteed.)
• Four on-board programming modes
 SCI boot mode
This mode uses an on-chip SCI_1 interface to program and erase the user MAT. This mode
can automatically adjust the bit rate between the host and this LSI.
 USB boot mode (only in the H8S/2472 Group)
This mode uses an on-chip USB to program and erase the user MAT.
 User program mode
The user MAT can be programmed by using the optional interface.
 User boot mode
The user boot program of the optional interface can be made and the user MAT can be
programmed.
• Programming/erasing protection
Sets protection against flash memory programming/erasing via hardware, software, or error
protection.
• Programmer mode
This mode uses the PROM programmer. The user MAT and user boot MAT can be
programmed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com