công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 959 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 959 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 955Page - Renesas Technology Corp H8S/2472 Datasheet HTML 956Page - Renesas Technology Corp H8S/2472 Datasheet HTML 957Page - Renesas Technology Corp H8S/2472 Datasheet HTML 958Page - Renesas Technology Corp H8S/2472 Datasheet HTML 959Page - Renesas Technology Corp H8S/2472 Datasheet HTML 960Page - Renesas Technology Corp H8S/2472 Datasheet HTML 961Page - Renesas Technology Corp H8S/2472 Datasheet HTML 962Page - Renesas Technology Corp H8S/2472 Datasheet HTML 963Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 959 / 1250 page
background image
Section 23 A/D Converter
Rev. 2.00 Aug. 20, 2008 Page 911 of 1198
REJ09B0403-0200
23.7.6
Notes on Noise Countermeasures
In order to prevent damage due to an abnormal voltage such as an excessive surge at the analog
input pins (AN0 to AN7), a protection circuit should be connected between AVcc and AVss as
shown in figure 23.9. Also, the bypass capacitors connected to AVcc and the filter capacitors
connected to AN0 to AN7 must be connected to AVss.
When a filter capacitor is connected, the input currents at the analog input pins (AN0 to AN7) are
averaged which may cause an error. Also, when A/D conversion is performed frequently, as in
scan mode, if the current charged and discharged by the capacitance of the sample-and-hold circuit
in the A/D converter exceeds the current input via the input impedance (R
in), an error will arise in
the analog input pin voltage. Therefore, careful consideration is required upon deciding the circuit
constants.
AVcc
*1
AN0 to AN7
AVss
Notes: Values are reference values.
*
1
*
2
Rin: Input impedance
*1
Rin *2
100
Ω
0.1 µF
0.01 µF
10 µF
AVref
Figure 23.9 Example of Analog Input Protection Circuit
Table 23.6
Standard of Analog Pins
Item
Min.
Max.
Unit
Analog input
capacitance
20
pF
Acceptable signal
source impedance
5
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com