công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 958 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 958 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 954Page - Renesas Technology Corp H8S/2472 Datasheet HTML 955Page - Renesas Technology Corp H8S/2472 Datasheet HTML 956Page - Renesas Technology Corp H8S/2472 Datasheet HTML 957Page - Renesas Technology Corp H8S/2472 Datasheet HTML 958Page - Renesas Technology Corp H8S/2472 Datasheet HTML 959Page - Renesas Technology Corp H8S/2472 Datasheet HTML 960Page - Renesas Technology Corp H8S/2472 Datasheet HTML 961Page - Renesas Technology Corp H8S/2472 Datasheet HTML 962Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 958 / 1250 page
background image
Section 23 A/D Converter
Rev. 2.00 Aug. 20, 2008 Page 910 of 1198
REJ09B0403-0200
23.7.3
Influences on Absolute Accuracy
Adding capacitance results in coupling with GND, and therefore noise in GND may adversely
affect the absolute accuracy. Be sure to make the connection to an electrically stable GND such as
AVss.
Care is also required to insure that filter circuits do not communicate with digital signals on the
mounting board, so acting as antennas.
23.7.4
Setting Range of Analog Power Supply and Other Pins
If conditions shown below are not met, the reliability of this LSI may be adversely affected.
•
Analog input voltage range
The voltage applied to analog input pin ANn during A/D conversion should be in the range
AVss
≤ VAN ≤ AVref.
• Relation between AVcc, AVss and Vcc, Vss
The relationship between AVcc, AVss and Vcc, Vss should be Avcc = Vcc
± 0.3V and AVss =
Vss. When the A/D converter is not used, set AVcc = Vcc and Avss = Vss.
• AVref pin reference voltage specification range
The reference voltage of the AVref pin should be in the range AVref
≤ AVcc.
23.7.5
Notes on Board Design
In board design, digital circuitry and analog circuitry should be as mutually isolated as possible,
and layout in which digital circuit signal lines and analog circuit signal lines cross or are in close
proximity should be avoided as far as possible. Failure to do so may result in incorrect operation
of the analog circuitry due to inductance, adversely affecting A/D conversion values. Also, digital
circuitry must be isolated from the analog input signals (AN0 to AN7), the analog reference
voltage (AVref) and analog power supply (AVcc) by the analog ground (AVss). Also, the analog
ground (AVss) should be connected at one point to a stable digital ground (Vss) on the board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com