công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 955 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 955 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 951Page - Renesas Technology Corp H8S/2472 Datasheet HTML 952Page - Renesas Technology Corp H8S/2472 Datasheet HTML 953Page - Renesas Technology Corp H8S/2472 Datasheet HTML 954Page - Renesas Technology Corp H8S/2472 Datasheet HTML 955Page - Renesas Technology Corp H8S/2472 Datasheet HTML 956Page - Renesas Technology Corp H8S/2472 Datasheet HTML 957Page - Renesas Technology Corp H8S/2472 Datasheet HTML 958Page - Renesas Technology Corp H8S/2472 Datasheet HTML 959Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 955 / 1250 page
background image
Section 23 A/D Converter
Rev. 2.00 Aug. 20, 2008 Page 907 of 1198
REJ09B0403-0200
23.5
Interrupt Source
The A/D converter generates an A/D conversion end interrupt (ADI) at the end of A/D conversion.
Setting the ADIE bit to 1 enables ADI interrupt requests while the ADF bit in ADCSR is set to 1
after A/D conversion ends. The ADI interrupt can be used to activate the DTC. Reading the
converted data by the DTC activated by the ADI interrupt allows consecutive conversion to be
performed without software overhead.
Table 23.5
A/D Converter Interrupt Source
Name
Interrupt Source
Interrupt Flag
DTC Activation
ADI
A/D conversion end
ADF
Possible
23.6
A/D Conversion Accuracy Definitions
This LSI's A/D conversion accuracy definitions are given below.
• Resolution
The number of A/D converter digital output codes
•
Quantization error
The deviation inherent in the A/D converter, given by 1/2 LSB (see figure23.6).
•
Offset error
The deviation of the analog input voltage value from the ideal A/D conversion characteristic
when the digital output changes from the minimum voltage value B'00 0000 0000 (H'000) to
B'00 0000 0001 (H'001) (see figure 23.7).
•
Full-scale error
The deviation of the analog input voltage value from the ideal A/D conversion characteristic
when the digital output changes from B'11 1111 1110 (H'3FE) to B'11 1111 1111 (H'3FF) (see
figure 23.7).
•
Nonlinearity error
The error with respect to the ideal A/D conversion characteristics between the zero voltage and
the full-scale voltage. Does not include the offset error, full-scale error, or quantization error
(see figure 23.7).
•
Absolute accuracy
The deviation between the digital value and the analog input value. Includes the offset error,
full-scale error, quantization error, and nonlinearity error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com