công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 957 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 957 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 953Page - Renesas Technology Corp H8S/2472 Datasheet HTML 954Page - Renesas Technology Corp H8S/2472 Datasheet HTML 955Page - Renesas Technology Corp H8S/2472 Datasheet HTML 956Page - Renesas Technology Corp H8S/2472 Datasheet HTML 957Page - Renesas Technology Corp H8S/2472 Datasheet HTML 958Page - Renesas Technology Corp H8S/2472 Datasheet HTML 959Page - Renesas Technology Corp H8S/2472 Datasheet HTML 960Page - Renesas Technology Corp H8S/2472 Datasheet HTML 961Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 957 / 1250 page
background image
Section 23 A/D Converter
Rev. 2.00 Aug. 20, 2008 Page 909 of 1198
REJ09B0403-0200
23.7
Usage Notes
23.7.1
Setting of Module Stop Mode
Operation of the A/D converter can be enabled or disabled by setting the module stop control
register. By default, the A/D converter is stopped. Registers of the A/D converter only become
accessible when it is released from module stop mode. See section 28, Power-Down Modes, for
details.
23.7.2
Permissible Signal Source Impedance
This LSI’s analog input is designed so that the conversion accuracy is guaranteed for an input
signal for which the signal source impedance is 5 k
Ω or less. This specification is provided to
enable the A/D converter's sample-and-hold circuit input capacitance to be charged within the
sampling time; if the sensor output impedance exceeds 5 k
Ω, charging may be insufficient and it
may not be possible to guarantee the A/D conversion accuracy. However, if a large capacitance is
provided externally in single mode, the input load will essentially comprise only the internal input
resistance of 10 k
Ω, and the signal source impedance is ignored. However, since a low-pass filter
effect is obtained in this case, it may not be possible to follow an analog signal with a large
differential coefficient (voltage fluctuation ratio of 5 mV/µs or greater for example) (see figure
23.8). When converting a high-speed analog signal or converting in scan mode, a low-impedance
buffer should be inserted.
A/D converter equivalent circuit
This LSI
20 pF
Cin =
15 pF
10 k
Ω
up to 5 k
Ω
Low-pass
filter C
up to 0.1 µF
Sensor output
impedance
Sensor input
Figure 23.8 Example of Analog Input Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com