công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 965 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 965 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 961Page - Renesas Technology Corp H8S/2472 Datasheet HTML 962Page - Renesas Technology Corp H8S/2472 Datasheet HTML 963Page - Renesas Technology Corp H8S/2472 Datasheet HTML 964Page - Renesas Technology Corp H8S/2472 Datasheet HTML 965Page - Renesas Technology Corp H8S/2472 Datasheet HTML 966Page - Renesas Technology Corp H8S/2472 Datasheet HTML 967Page - Renesas Technology Corp H8S/2472 Datasheet HTML 968Page - Renesas Technology Corp H8S/2472 Datasheet HTML 969Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 965 / 1250 page
background image
Section 25 Flash Memory
Rev. 2.00 Aug. 20, 2008 Page 917 of 1198
REJ09B0403-0200
25.1.1
Operating Mode
When each mode pin and the FWE pin are set in the reset state and reset start is performed, this
LSI enters each operating mode as shown in figure 25.2.
• Flash memory can be read in user mode, but cannot be programmed or erased.
• Flash memory can be read, programmed, or erased on the board only in boot mode, user
program mode, and user boot mode.
• Flash memory can be read, programmed, or erased by means of the PROM programmer in
programmer mode.
Reset state
Programmer
mode
User mode
User program
mode
User boot
mode
Boot mode
SCI_1/USB
On-board programming mode
RES
= 0
User
mode
setting
Boot
mode
setting
RES
= 0
RES = 0
Programmer mode setting
FLSHE
= 0
→ FWE = 0
FWE
= 1 →
FLSHE
= 1
Figure 25.2 Mode Transition of Flash Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com