công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 967 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 967 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 963Page - Renesas Technology Corp H8S/2472 Datasheet HTML 964Page - Renesas Technology Corp H8S/2472 Datasheet HTML 965Page - Renesas Technology Corp H8S/2472 Datasheet HTML 966Page - Renesas Technology Corp H8S/2472 Datasheet HTML 967Page - Renesas Technology Corp H8S/2472 Datasheet HTML 968Page - Renesas Technology Corp H8S/2472 Datasheet HTML 969Page - Renesas Technology Corp H8S/2472 Datasheet HTML 970Page - Renesas Technology Corp H8S/2472 Datasheet HTML 971Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 967 / 1250 page
background image
Section 25 Flash Memory
Rev. 2.00 Aug. 20, 2008 Page 919 of 1198
REJ09B0403-0200
25.1.3
Flash Memory MAT Configuration
This LSI's flash memory is configured by the 16-Kbyte user boot MAT and 512-Kbyte user MAT.
The start address is allocated to the same address in the user MAT and user boot MAT. Therefore,
when the program execution or data access is performed between two MATs, the MAT must be
switched by using FMATS.
The user MAT or user boot MAT can be read in all modes. However, the user boot MAT can be
programmed only in boot mode and programmer mode.
<User MAT>
<User Boot MAT>
Address H'000000
Address H'07FFFF
Address H'000000
Address H'003FFF
512 Kbytes
16 Kbytes
Figure 25.3 Flash Memory Configuration
The size of the user MAT is different from that of the user boot MAT. An address which exceeds
the size of the 16-Kbyte user boot MAT should not be accessed. If the attempt is made, data is
read as undefined value.
25.1.4
Block Division
The user MAT is divided into seven 64-Kbyte blocks, one 32-Kbyte block, and eight 4-Kbyte
blocks as shown in figure 25.4. The user MAT can be erased in this divided-block units, and the
erase-block number of EB0 to EB15 is specified when erasing. Programming is performed in 128-
byte units starting at the addresses whose lowest-order byte is H'00 or H'80.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com