công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 981 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 981 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 977Page - Renesas Technology Corp H8S/2472 Datasheet HTML 978Page - Renesas Technology Corp H8S/2472 Datasheet HTML 979Page - Renesas Technology Corp H8S/2472 Datasheet HTML 980Page - Renesas Technology Corp H8S/2472 Datasheet HTML 981Page - Renesas Technology Corp H8S/2472 Datasheet HTML 982Page - Renesas Technology Corp H8S/2472 Datasheet HTML 983Page - Renesas Technology Corp H8S/2472 Datasheet HTML 984Page - Renesas Technology Corp H8S/2472 Datasheet HTML 985Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 981 / 1250 page
background image
Section 25 Flash Memory
Rev. 2.00 Aug. 20, 2008 Page 933 of 1198
REJ09B0403-0200
• Flash Transfer Destination Address Register (FTDAR)
FTDAR is a register that specifies the address to download an on-chip program. This register must
be specified before setting the SCO bit in FCCS to 1.
Bit
Bit Name
Initial
Value
R/W
Description
7
TDER
0
R/W
Transfer Destination Address Setting Error
This bit is set to 1 when the address specified by bits
TDA6 to TDA0, which is the start address to download an
on-chip program, is over the range. Whether or not the
range specified by bits TDA6 to TDA0 is within the range
of H'00 to H'03 is determined when an on-chip program is
downloaded by setting the SCO bit in FCCS to 1. Make
sure that this bit is cleared to 0 before setting the SCO bit
to 1 and the value specified by TDA6 to TDA0 is within
the range of H'00 to H'03.
0: The value specified by bits TDA6 to TDA0 is within the
range.
1: The value specified by is TDA6 to TDA0 is over the
range (H'04 to H'FF) and the download is stopped.
6
5
4
3
2
1
0
TDA6
TDA5
TDA4
TDA3
TDA2
TDA1
TDA0
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Transfer Destination Address
Specifies the start address to download an on-chip
program. H'00 to H'03 can be specified as the start
address in the on-chip RAM space.
H'00: H'FFE080 is specified as a start address to
download an on-chip program.
H'01: H'FF0800 is specified as a start address to
download an on-chip program.
H'02: H'FF1800 is specified as a start address to
download an on-chip program.
H'03: H'FF8800 is specified as a start address to
download an on-chip program.
H'04 to H'FF: Setting prohibited. Specifying this value
sets the TDER bit to 1 and stops the
download.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com