công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 982 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 982 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 978Page - Renesas Technology Corp H8S/2472 Datasheet HTML 979Page - Renesas Technology Corp H8S/2472 Datasheet HTML 980Page - Renesas Technology Corp H8S/2472 Datasheet HTML 981Page - Renesas Technology Corp H8S/2472 Datasheet HTML 982Page - Renesas Technology Corp H8S/2472 Datasheet HTML 983Page - Renesas Technology Corp H8S/2472 Datasheet HTML 984Page - Renesas Technology Corp H8S/2472 Datasheet HTML 985Page - Renesas Technology Corp H8S/2472 Datasheet HTML 986Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 982 / 1250 page
background image
Section 25 Flash Memory
Rev. 2.00 Aug. 20, 2008 Page 934 of 1198
REJ09B0403-0200
25.3.2
Programming/Erasing Interface Parameter
The programming/erasing interface parameter specifies the operating frequency, storage place for
program data, programming destination address, and erase block and exchanges the processing
result for the downloaded on-chip program. This parameter uses the general registers of the CPU
(ER0 and ER1) or the on-chip RAM area. The initial value is undefined at a reset or in hardware
standby mode.
When download, initialization, or on-chip program is executed, registers of the CPU except for
R0L are stored. The return value of the processing result is written in R0L. Since the stack area is
used for storing the registers except for R0L, the stack area must be saved at the processing start.
(A maximum size of a stack area to be used is 128 bytes.)
The programming/erasing interface parameter is used in the following four items.
1. Download control
2. Initialization before programming or erasing
3. Programming
4. Erasing
These items use different parameters. The correspondence table is shown in table 25.4. The
meaning of the bits in FPFR varies in each processing program: initialization, programming, or
erasure. For details, see descriptions of FPFR for each process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com