công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 987 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 987 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 983Page - Renesas Technology Corp H8S/2472 Datasheet HTML 984Page - Renesas Technology Corp H8S/2472 Datasheet HTML 985Page - Renesas Technology Corp H8S/2472 Datasheet HTML 986Page - Renesas Technology Corp H8S/2472 Datasheet HTML 987Page - Renesas Technology Corp H8S/2472 Datasheet HTML 988Page - Renesas Technology Corp H8S/2472 Datasheet HTML 989Page - Renesas Technology Corp H8S/2472 Datasheet HTML 990Page - Renesas Technology Corp H8S/2472 Datasheet HTML 991Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 987 / 1250 page
background image
Section 25 Flash Memory
Rev. 2.00 Aug. 20, 2008 Page 939 of 1198
REJ09B0403-0200
(b)
Flash pass/fail parameter (FPFR: general register R0L of CPU)
This parameter indicates the return value of the initialization result.
Bit
Bit Name
Initial
Value
R/W
Description
7 to 2
Unused
Return 0
1
FQ
R/W
Frequency Error Detect
Returns the check result whether the specified operating
frequency of the CPU is in the range of the supported
operating frequency.
0: Setting of operating frequency is normal
1: Setting of operating frequency is abnormal
0
SF
R/W
Success/Fail
Indicates whether initialization is completed normally.
0: Initialization is ended normally (no error)
1: Initialization is ended abnormally (error occurs)
(3)
Programming Execution
When flash memory is programmed, the programming destination address on the user MAT must
be passed to the programming program in which the program data is downloaded.
1. The start address of the programming destination on the user MAT must be stored in a general
register ER1. This parameter is called as flash multipurpose address area parameter (FMPAR).
Since the program data is always in units of 128 bytes, the lower eight bits (A7 to A0) must be
H'00 or H'80 as the boundary of the programming start address on the user MAT.
2. The program data for the user MAT must be prepared in the consecutive area. The program
data must be in the consecutive space which can be accessed by using the MOV.B instruction
of the CPU and in other than the flash memory space.
When data to be programmed does not satisfy 128 bytes, the 128-byte program data must be
prepared by filling with the dummy code H'FF.
The start address of the area in which the prepared program data is stored must be stored in a
general register ER0. This parameter is called as flash multipurpose data destination area
parameter (FMPDR).
For details on the program processing procedure, see section 25.4.3, User Program Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com