công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 989 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 989 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 985Page - Renesas Technology Corp H8S/2472 Datasheet HTML 986Page - Renesas Technology Corp H8S/2472 Datasheet HTML 987Page - Renesas Technology Corp H8S/2472 Datasheet HTML 988Page - Renesas Technology Corp H8S/2472 Datasheet HTML 989Page - Renesas Technology Corp H8S/2472 Datasheet HTML 990Page - Renesas Technology Corp H8S/2472 Datasheet HTML 991Page - Renesas Technology Corp H8S/2472 Datasheet HTML 992Page - Renesas Technology Corp H8S/2472 Datasheet HTML 993Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 989 / 1250 page
background image
Section 25 Flash Memory
Rev. 2.00 Aug. 20, 2008 Page 941 of 1198
REJ09B0403-0200
Bit
Bit Name
Initial
Value
R/W
Description
6
MD
R/W
Programming Mode Related Setting Error Detect
Returns the check result that a high level signal is input
to the FWE pin and the error protection state is not
entered. When the low level signal is input to the FWE
pin or the error protection state is entered, 1 is written to
this bit. The state can be confirmed with the FWE and
FLER bits in FCCS. For conditions to enter the error
protection state, see section 25.5.3, Error Protection.
0: FWE and FLER settings are normal (FWE = 1, FLER
= 0)
1: Programming cannot be performed (FWE = 0 or
FLER = 1)
5
EE
R/W
Programming Execution Error Detect
1 is returned to this bit when the specified data could not
be written because the user MAT was not erased. If this
bit is set to 1, there is a high possibility that the user MAT
is partially rewritten. In this case, after removing the error
factor, erase the user MAT.
If FMATS is set to H'AA and the user boot MAT is
selected, an error occurs when programming is
performed. In this case, both the user MAT and user boot
MAT are not rewritten. Programming of the user boot
MAT should be performed in boot mode or programmer
mode.
0: Programming has ended normally
1: Programming has ended abnormally (programming
result is not guaranteed)
4
FK
R/W
Flash Key Register Error Detect
Returns the check result of the value of FKEY before the
start of the programming processing.
0: FKEY setting is normal (FKEY = H'5A)
1: FKEY setting is error (FKEY = value other than H
′5A)
3
Unused
Returns 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com