công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 995 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 995 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 991Page - Renesas Technology Corp H8S/2472 Datasheet HTML 992Page - Renesas Technology Corp H8S/2472 Datasheet HTML 993Page - Renesas Technology Corp H8S/2472 Datasheet HTML 994Page - Renesas Technology Corp H8S/2472 Datasheet HTML 995Page - Renesas Technology Corp H8S/2472 Datasheet HTML 996Page - Renesas Technology Corp H8S/2472 Datasheet HTML 997Page - Renesas Technology Corp H8S/2472 Datasheet HTML 998Page - Renesas Technology Corp H8S/2472 Datasheet HTML 999Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 995 / 1250 page
background image
Section 25 Flash Memory
Rev. 2.00 Aug. 20, 2008 Page 947 of 1198
REJ09B0403-0200
(1)
SCI Interface Setting by Host
When boot mode is initiated, this LSI measures the low period of asynchronous SCI-communica-
tion data (H'00), which is transmitted consecutively by the host. The SCI transmit/receive format
is set to 8-bit data, 1 stop bit, and no parity. This LSI calculates the bit rate of transmission by the
host by means of the measured low period and transmits the bit adjustment end sign (1 byte of
H'00) to the host. The host must confirm that this bit adjustment end sign (H'00) has been received
normally and transmits 1 byte of H'55 to this LSI. When reception is not executed normally, boot
mode is initiated again (reset) and the operation described above must be executed. The bit rate
between the host and this LSI is not matched by the bit rate of transmission by the host and system
clock frequency of this LSI. To operate the SCI normally, the transfer bit rate of the host must be
set to 9,600 bps or 19,200 bps.
The system clock frequency, which can automatically adjust the transfer bit rate of the host and
the bit rate of this LSI, is shown in table 25.6. Boot mode must be initiated in the range of this
system clock.
D0
D1
D2
D3
D4
D5
D6
D7
Start
bit
Stop bit
Measure low period (9 bits) (data is H'00)
High period of
at least 1 bit
Figure 25.7 Automatic-Bit-Rate Adjustment Operation of SCI
Table 25.6
System Clock Frequency for Automatic-Bit-Rate Adjustment by This LSI
Bit Rate of Host
System Clock Frequency
9,600 bps
20 to 34 MHz
19,200 bps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com